Part Number Hot Search : 
LBT09611 CS1100L LC6543F 03DPDW3S H8318 08500 DG528DN ET206
Product Description
Full Text Search
 

To Download CAT24C01C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 CAT24C01C 1k-bit serial eeprom * catalyst semiconductor is licensed by philips corporation to carry the i 2 c bus protocol. die pad configuration block diagram pin functions pin name function nc no connect sda serial data/address scl serial clock v cc +1.8v to +6.0v power supply v ss ground dc don't connect features  400 khz i 2 c bus compatible*  1.8 to 6.0volt operation  low power cmos technology  page write buffer  self-timed write cycle with auto-clear  1,000,000 program/erase cycles  100 year data retention description the CAT24C01C is a 1k-bit serial cmos eeprom internally organized as 128 words of 8 bits each. catalysts advanced cmos technology substantially reduces de- vice power requirements. the the CAT24C01C features a 16-byte page write buffer. the device operates via the i 2 c bus serial interface and has a iso 7816 compatible pinout for smartcard micromodule applications. ? 2003 by catalyst semiconductor, inc. characteristics subject to change without notice doc. no. 1041, rev. a d out ack sense amps shift registers control logic word address buffers start/stop logic state counters slave address comparators e 2 prom v cc external load column decoders xdec data in storage high voltage/ timing control v ss scl sda gnd dc dc vdd sda nc scl nc
CAT24C01C 2 doc. no. 1041, rev. a absolute maximum ratings* temperature under bias ................. C 55 c to +125 c storage temperature ....................... C 65 c to +150 c voltage on any pin with respect to v ss (1) ................. C 2.0v to +v cc + 2.0v v cc with respect to v ss ................................ C 2.0v to +7.0v package power dissipation capability (ta = 25 c) ................................... 1.0w lead soldering temperature (10 secs) ............ 300 c output short circuit current (2) ........................ 100ma *comment stresses above those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. exposure to any absolute maximum rating for extended periods may affect device performance and reliability. reliability characteristics symbol parameter min. max. units reference test method n end (3) endurance 1,000,000 cycles/byte mil-std-883, test method 1033 t dr (3) data retention 100 years mil-std-883, test method 1008 v zap (3) esd susceptibility 4000 volts mil-std-883, test method 3015 i lth (3)(4) latch-up 100 ma jedec standard 17 d.c. operating characteristics v cc = +1.8v to +6.0v, unless otherwise specified. limits symbol parameter min. typ. max. units test conditions i cc power supply current 3 ma f scl = 100 khz i sb (5) standby current (v cc = 5.0v) 0 av in = gnd or v cc i li input leakage current 10 av in = gnd to v cc i lo output leakage current 10 av out = gnd to v cc v il input low voltage C 1v cc x 0.3 v v ih input high voltage v cc x 0.7 v cc + 0.5 v v ol1 output low voltage (v cc = 3.0v) 0.4 v i ol = 3 ma v ol2 output low voltage (v cc = 1.8v) 0.5 v i ol = 1.5 ma note: (1) the minimum dc input voltage is C 0.5v. during transitions, inputs may undershoot to C 2.0v for periods of less than 20 ns. maximum dc voltage on output pins is v cc +0.5v, which may overshoot to v cc + 2.0v for periods of less than 20ns. (2) output shorted for no more than one second. no more than one output shorted at a time. (3) this parameter is tested initially and after a design or process change that affects the parameter. (4) latch-up protection is provided for stresses up to 100 ma on address and data pins from C 1v to v cc +1v. (5) standby current (i sb ) = 0 a (<900na). capacitance t a = 25 c, f = 1.0 mhz, v cc = 5v symbol test max. units conditions c i/o (3) input/output capacitance (sda) 8 pf v i/o = 0v c in (3) input capacitance (scl) 6 pf v in = 0v
CAT24C01C 3 doc. no. 1041, rev. a a.c. characteristics v cc = +1.8v to +6.0v, unless otherwise specified. read & write cycle limits symbol parameter 1.8v - 6.0v 2.5v - 6.0v 4.5v-5.5v min. max. min. max. units f scl clock frequency 100 400 khz t i (1) noise suppression time 200 200 ns constant at scl, sda inputs t aa scl low to sda data out 3.5 1 s and ack out t buf (1) time the bus must be free before 4.7 1.2 s a new transmission can start t hd:sta start condition hold time 4 0.6 s t low clock low period 4.7 1.2 s t high clock high period 4 0.6 s t su:sta start condition setup time 4.7 0.6 s (for a repeated start condition) t hd:dat data in hold time 0 0 ns t su:dat data in setup time 50 50 ns t r (1) sda and scl rise time 1 0.3 s t f (1) sda and scl fall time 300 300 ns t su:sto stop condition setup time 4 0.6 s t dh data out hold time 100 100 ns note: (1) this parameter is tested initially and after a design or process change that affects the parameter. (2) t pur and t puw are the delays required from the time v cc is stable until the specified operation can be initiated. the write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. during the write cycle, the bus interface circuits are disabled, sda is allowed to remain high, and the device does not respond to its slave address. write cycle limits symbol parameter min. typ. max units t wr write cycle time 10 ms power-up timing (1)(2) symbol parameter max. units t pur power-up to read operation 1 ms t puw power-up to write operation 1 ms
CAT24C01C 4 doc. no. 1041, rev. a functional description the CAT24C01C supports the i 2 c bus data transmis- sion protocol. this inter-integrated circuit bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a re- ceiver. data transfer is controlled by the master device which generates the serial clock and all start and stop conditions for bus access. the CAT24C01C operates as a slave device. both the master and slave devices can operate as either transmitter or receiver, but the master device controls which mode is activated. pin descriptions scl: serial clock the CAT24C01C serial clock input pin is used to clock all data transfers into or out of the device. this is an input pin. sda: serial data/address the CAT24C01C bidirectional serial data/address pin is used to transfer data into and out of the device. the sda pin is an open drain output and can be wire-ored with other open drain or open collector outputs. i 2 c bus protocol the following defines the features of the i 2 c bus proto- col: (1) data transfer may be initiated only when the bus is not busy. (2) during a data transfer, the data line must remain stable whenever the clock line is high. any changes in the data line while the clock line is high will be interpreted as a start or stop condition. figure 2. write cycle timing figure 1. bus timing figure 3. start/stop timing t high scl sda in sda out t low t f t low t r t buf t su:sto t su:dat t hd:dat t hd:sta t su:sta t aa t dh t wr stop condition start condition address ack 8th bit byte n scl sda start bit sda stop bit scl
CAT24C01C 5 doc. no. 1041, rev. a start condition the start condition precedes all commands to the device, and is defined as a high to low transition of sda when scl is high. the CAT24C01C monitor the sda and scl lines and will not respond until this condition is met. stop condition a low to high transition of sda when scl is high determines the stop condition. all operations must end with a stop condition. device addressing the bus master begins a transmission by sending a start condition. the master then sends the address of the particular slave device it is requesting. the four most significant bits of the 8-bit slave address are fixed as 1010 for the CAT24C01C (see fig. 5). the next three significant bits are all zeros. the last bit of the slave address specifies whether a read or write operation is to be performed. when this bit is set to 1, a read operation is selected, and when set to 0, a write opera- tion is selected. after the master sends a start condition and the slave address byte, the CAT24C01C monitors the bus and responds with an acknowledge (on the sda line). the CAT24C01C then performs a read or write operation depending on the state of the r/ w bit. acknowledge after a successful data transfer, each receiving device is required to generate an acknowledge. the acknowledg- ing device pulls down the sda line during the ninth clock cycle, signaling that it received the 8 bits of data. the CAT24C01C responds with an acknowledge after receiving a start condition and its slave address. if the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8- bit byte. when the CAT24C01C is in a read mode it transmits 8 bits of data, releases the sda line, and monitors the line for an acknowledge. once it receives this acknowl- edge, the CAT24C01C will continue to transmit data. if no acknowledge is sent by the master, the device terminates data transmission and waits for a stop condition. write operations byte write in the byte write mode, the master device sends the start condition and the slave address information (with the r/ w bit set to zero) to the slave device. after the slave generates an acknowledge, the master sends the byte address that is to be written into the address pointer of the CAT24C01C. after receiving another acknowledge from the slave, the master device trans- mits the data byte to be written into the addressed memory location. the CAT24C01C acknowledge once more and the master generates the stop condition, at which time the device begins its internal programming cycle to nonvolatile memory. while this internal cycle is in progress, the device will not respond to any request from the master device. page write the CAT24C01C writes up to 16 bytes of data in a single write cycle, using the page write operation. the page write operation is initiated in the same manner as counter will wrap around to address 0 and continue to figure 4. acknowledge timing acknowledge 1 start scl from master 89 data output from transmitter data output from receiver
CAT24C01C 6 doc. no. 1041, rev. a the byte write operation, however instead of terminating after the initial word is transmitted, the master is allowed to send up to 15 additional bytes. after each byte has been transmitted the CAT24C01C will respond with an acknowledge, and internally increment the low order address bits by one. the high order bits remain un- changed. if the master transmits more than 16 bytes prior to sending the stop condition, the address counter wraps around , and previously transmitted data will be overwrit- ten. once all 16 bytes are received and the stop condition has been sent by the master, the internal programming cycle begins. at this point all received data is written to the CAT24C01C in a single write cycle. acknowledge polling the disabling of the inputs can be used to take advan- tage of the typical write cycle time. once the stop condition is issued to indicate the end of the host s write operation, the CAT24C01C initiates the internal write cycle. ack polling can be initiated immediately. this involves issuing the start condition followed by the slave address for a write operation. if the CAT24C01C is still busy with the write operation, no ack will be returned. if the CAT24C01C has completed the write operation, an ack will be returned and the host can then proceed with thenext read or write operation. selective read selective read operations allow the master device to select at random any memory location for a read operation. the master device first performs a dummy write operation by sending the start condition, slave address and byte address of the location it wishes to read. after the CAT24C01C acknowledge the word address, the master device resends the start condi- tion and the slave address, this time with the r/ w bit set to one. the CAT24C01C then responds with its ac- knowledge and sends the 8-bit byte requested. the master device does not send an acknowledge but will generate a stop condition. sequential read the sequential read operation can be initiated by either the immediate address read or selective read operations. after the 24c01c sends initial 8-bit byte requested, the master will respond with an acknowledge which tells the device it requires more data. the CAT24C01C will continue to output an 8-bit byte for each acknowledge sent by the master. the operation is terminated when the master fails to respond with an acknowledge, thus sending the stop condition. the data being transmitted from the CAT24C01C is outputted sequentially with data from address n fol- lowed by data from address n+1. the read operation address counter increments all of the CAT24C01C address bits so that the entire memory array can be read during one operation. if more than 127 bytes are read out, the counter will wrap around and continue to clock out data bytes. figure 5. slave address bits read operations the read operation for the CAT24C01C is initiated in the same manner as the write operation with the one exception that the r/ w bit is set to a one. three different read operations are possible: immediate address read, selective read and sequential read. immediate address read the CAT24C01C s address counter contains the ad- dress of the last byte accessed, incremented by one. in other words, if the last read or write access was to address n, the read immediately following would ac- cess data from address n+1. if n=e (where e = 127 for 24wc01), then the clock out data. after the CAT24C01C receives its slave address information (with the r/w bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. the master device does not send an acknowledge but will generate a stop condition. 24c01c 1 0100 0 0r/ w
CAT24C01C 7 doc. no. 1041, rev. a figure 7. page write timing figure 6. byte write timing bus activity: master sda line data n+p byte address (n) a c k a c k data n a c k s t o p s a c k data n+1 a c k s t a r t p slave address note: in this example n = xxxx 0000(b); x = 1 or 0 * byte address slave address s a c k a c k data a c k s t o p p bus activity: master sda line s t a r t figure 8. immediate address read timing scl sda 8th bit stop no ack data out 89 slave address s a c k data n o a c k s t o p p bus activity: master sda line s t a r t
CAT24C01C 8 doc. no. 1041, rev. a ordering information figure 10. sequential read timing figure 9. selective read timing slave address s a c k n o a c k s t o p p bus activity: master sda line s t a r t byte address (n) s a c k data n slave address a c k s t a r t * bus activity: master sda line data n+x data n a c k a c k data n+1 a c k s t o p n o a c k data n+2 a c k p slave address gnd dc dc vdd sda nc scl nc 1180, 1430 um 0, 0 (above dimensions are to the center of pads) pad coordinates prefix device # suffix 24c01c w i product number 24c01c: 1k package w: wafer form operating voltage blank: 2.5v - 6.0v 1.8: 1.8v - 6.0v -1.8 cat temperature range blank = commercial (0 ? - 70 ? c) i = industrial (-40 ? - 85 ? c) a = automotive (-40 ? - 105 ? c)* optional company id e m a n d a p) m u ( x) m u ( y a d s3 2 10 5 1 d n g2 0 11 8 2 1 d d v2 7 0 14 8 2 1 l c s0 9 87 0 1
CAT24C01C 9 doc. no. 1041, rev. a catalyst semiconductor, inc. corporate headquarters 1250 borregas avenue sunnyvale, ca 94089 phone: 408.542.1000 fax: 408.542.1200 www.catalyst-semiconductor.com publication #: 1041 revison: a issue date: 3/3/03 type: final copyrights, trademarks and patents trademarks and registered trademarks of catalyst semiconductor include each of the following: dpp ae 2 catalyst semiconductor has been issued u.s. and foreign patents and has patent applications pending that protect its products. for a complete list of patents issued to catalyst semiconductor contact the companys corporate office at 408.542.1000. catalyst semiconductor makes no warranty, representation or guarantee, express or implied, regarding the suitability of its products for any particular purpose, nor that the use of its products will not infringe its intellectual property rights or the rights of third parties with respect to any particular use or application and specifically disclaims any and all liability aris ing out of any such use or application, including but not limited to, consequential or incidental damages. catalyst semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgica l implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the catalyst semic onductor product could create a situation where personal injury or death may occur. catalyst semiconductor reserves the right to make changes to or discontinue any product or service described herein without not ice. products with data sheets labeled "advance information" or "preliminary" and other products described herein may not be in production or offered for sale . catalyst semiconductor advises customers to obtain the current version of the relevant product information before placing order s. circuit diagrams illustrate typical semiconductor applications and may not be complete.


▲Up To Search▲   

 
Price & Availability of CAT24C01C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X